전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G386GV 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74LVC1G386GV
상세설명  3-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G386GV 데이터시트(HTML) 1 Page - NXP Semiconductors

  74LVC1G386GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G386GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
General description
The 74LVC1G386 provides a 3-input EXCLUSIVE-OR function.
The input can be driven from either 3.3 or 5 V devices. This feature allows the use of
these devices in a mixed 3.3 and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
s Wide supply voltage range from 1.65 to 5.5 V
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s
±24 mA output drive (V
CC = 3.0 V)
s Latch-up performance exceeds 250 mA
s CMOS low power consumption
s Direct interface with TTL levels
s Inputs accept voltages up to 5 V
s ESD protection:
x HBM EIA/JESD22-A114E exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s SOT363 and SOT457 package
s Specified from
−40 to +85 °C and −40 to +125 °C.
3.
Ordering information
74LVC1G386
3-input EXCLUSIVE-OR gate
Rev. 02 — 3 September 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G386GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G386GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package (TSOP6); 6 leads
SOT457


유사한 부품 번호 - 74LVC1G386GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G386GV PHILIPS-74LVC1G386GV Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386GV NEXPERIA-74LVC1G386GV Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
More results

유사한 설명 - 74LVC1G386GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com