전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G241 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVC2G241
상세설명  Dual buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVC2G241 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC2G241_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 5 October 2007
5 of 17
NXP Semiconductors
74LVC2G241
Dual buffer/line driver; 3-state
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
VCC = 1.65 V to 5.5 V; enable mode
0
-
VCC
V
VCC = 1.65 V to 5.5 V; disable mode
0
-
5.5
V
VCC = 0 V; Power-down mode
0
-
5.5
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 1.65 V to 2.7 V
-
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
-
10
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
1.2
-
-
V
IO = −8 mA; VCC = 2.3 V
1.9
-
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
V
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
±0.1
±5
µA


유사한 부품 번호 - 74LVC2G241

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC2G241 NXP-74LVC2G241 Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241 NEXPERIA-74LVC2G241 Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
74LVC2G241-Q100 NEXPERIA-74LVC2G241-Q100 Datasheet
228Kb / 13P
   Dual buffer/line driver; 3-state
logo
NXP Semiconductors
74LVC2G241DC PHILIPS-74LVC2G241DC Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results

유사한 설명 - 74LVC2G241

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com