전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC3G34DP 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC3G34DP
상세설명  Triple buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34DP 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC3G34DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 11Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 12Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC3G34_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 5 October 2007
9 of 14
NXP Semiconductors
74LVC3G34
Triple buffer
Fig 10. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


유사한 부품 번호 - 74LVC3G34DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC3G34DP PHILIPS-74LVC3G34DP Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34DP NXP-74LVC3G34DP Datasheet
100Kb / 16P
   Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34DP NEXPERIA-74LVC3G34DP Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DP-Q100 NEXPERIA-74LVC3G34DP-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

유사한 설명 - 74LVC3G34DP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
   Triple Buffer
April, 2012 ??Rev. 7
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
   TRIPLE BUFFER
June 2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
   TRIPLE BUFFER
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
   Triple Buffer
April, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
   Triple buffer
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34_08 Datasheet
100Kb / 16P
   Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com