전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G00 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AUP1G00
상세설명  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AUP1G00 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
5 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
40
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.8
-
pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-state input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-state input voltage
VCC = 0.8 V
-
-
0.30
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-state output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-state output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AUP1G00

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Nexperia B.V. All right...
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
logo
Diodes Incorporated
74AUP1G00FW4-7 DIODES-74AUP1G00FW4-7 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00FZ4-7 DIODES-74AUP1G00FZ4-7 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
More results

유사한 설명 - 74AUP1G00

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com