전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7105QPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7105QPBF
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7105QPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7105QPBF Datasheet HTML 1Page - International Rectifier IRF7105QPBF Datasheet HTML 2Page - International Rectifier IRF7105QPBF Datasheet HTML 3Page - International Rectifier IRF7105QPBF Datasheet HTML 4Page - International Rectifier IRF7105QPBF Datasheet HTML 5Page - International Rectifier IRF7105QPBF Datasheet HTML 6Page - International Rectifier IRF7105QPBF Datasheet HTML 7Page - International Rectifier IRF7105QPBF Datasheet HTML 8Page - International Rectifier IRF7105QPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF7105QPbF
HEXFET® Power MOSFET
07/23/07
Description
N-Ch P-Ch
VDSS
25V
-25V
RDS(on) 0.10Ω 0.25Ω
ID
3.5A
-2.3A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
P-CHANNEL MOSFET
N-CHANNEL MOSFET
www.irf.com
1
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dual N and P Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Automotive [Q101] Qualified
l
Lead-Free
Specifically designed for Automotive applications, these
HEXFET® Power MOSFET's in a Dual SO-8 package utilize
the lastest processing techniques to achieve extremely low
on-resistance per silicon area. Additional features of these
Automotive qualified HEXFET Power MOSFET's are a
150°C junction operating temperature, fast switching
speed and improved repetitive avalanche rating. These
benefits combine to make this design an extremely efficient
and reliable device for use in Automotive applications and
a wide variety of other applications.
The efficient SO-8 package provides enhanced thermal
characteristics and dual MOSFET die capability making it
ideal in a variety of power applications. This dual, surface
mount SO-8 can dramatically reduce board space and is
also available
in Tape & Reel.
Max.
N-Channel
P-Channel
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.5
-2.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.8-1.8
IDM
Pulsed Drain Current 
14
-10
PD @TC = 25°C
Power Dissipation
2.0
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
3.0
-3.0
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Units
A
Absolute Maximum Ratings
W
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
62.5
°C/W
Thermal Resistance Ratings
SO-8
PD - 96102


유사한 부품 번호 - IRF7105QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7105QPBF IRF-IRF7105QPBF_10 Datasheet
316Kb / 10P
   HEXFETPOWERMOSFET
More results

유사한 설명 - IRF7105QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com