전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV16210VRG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74CBTLV16210VRG4
상세설명  LOW-VOLTAGE 20-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16210VRG4 데이터시트(HTML) 2 Page - Texas Instruments

  74CBTLV16210VRG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74CBTLV16210
LOW VOLTAGE 20BIT FET BUS SWITCH
SCDS042J − DECEMBER 1997 − REVISED JULY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1A1
SW
1B1
1A10
1OE
SW
1B10
2A1
SW
2B1
2A10
2OE
SW
2B10
2
12
48
13
24
47
46
36
35
25
simplified schematic, each FET switch
A
(OE)
B
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGV package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


유사한 부품 번호 - 74CBTLV16210VRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

유사한 설명 - 74CBTLV16210VRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com