전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3068J0061 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 CA3068J0061
상세설명  Wet Tantalum Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA3068J0061 데이터시트(HTML) 2 Page - DB Lectro Inc

  CA3068J0061 Datasheet HTML 1Page - DB Lectro Inc CA3068J0061 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CA30
68
M
032
1
Type
Capacitance
Tolerance
Rated Voltage
Operation Temperature
Capacitance Unit
68=68μF
M=±20%
K=±10%
J=±5%
6.3V=006
10V=010
16V=016
25V=025
32V=032
40V=040
63V=063
75V=075
100V=100
1. -55℃—+125℃
2. -55℃—+85℃
Ⅳ、 How to Order
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


유사한 부품 번호 - CA3068J0061

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3060 INTERSIL-CA3060 Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
Intersil Corporation
CA3060E INTERSIL-CA3060E Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
logo
Harris Corporation
CA3060E HARRIS-CA3060E Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
List of Unclassifed Man...
CA3064 ETC1-CA3064 Datasheet
516Kb / 8P
   TV Automatic Fine Tuning Circuit
More results

유사한 설명 - CA3068J0061

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com