전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCF8001 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPCF8001
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8001 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPCF8001 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8001
2007-01-16
4
Drain current ID (A)
RDS (ON) – ID
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Common source
VDS = 10 V
Pulse test
0
0
1
2
3
4
5
4
10
Ta
= −55°C
25
100
6
8
2
Common source
Ta
= 25℃
Pulse test
0
0.3
0.4
0.5
0
ID = 7 A
2
4
6
8
10
1.75
3.5
0.2
0.1
Common source
VDS = 10 V
Pulse test
0.1
10
100
0.1
1
100
25
100
Ta
= −55°C
1
10
Common source
Ta
= 25°C
Pulse test
5
3
2
0
4
1
0
0.2
0.4
0.6
0.8
VGS = 2.5V
2.6
2.8
2.7
3
2.9
4.5
10
1.0
3.5
3.2
Common source
Ta
= 25°C
Pulse test
8
6
4
2
0
10
0
2
5
2.6
2.7
2.8
3.1
10
2.9
3
4
3
1
3.2
VGS = 2.5 V
4.5
3.5
Common source
Ta
= 25°C
Pulse test
1
0.1
1
10
100
10
1000
VGS = 10 V
100
4.5


유사한 부품 번호 - TPCF8001

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8004 TOSHIBA-TPCF8004 Datasheet
234Kb / 9P
   Lithium-Ion Secondary Batteries
More results

유사한 설명 - TPCF8001

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com