전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCF8102 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPCF8102
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8102 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPCF8102_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8102_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCF8102
2006-11-16
3
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = −16 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = −3.0 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5:
A dot on the lower left of the marking indicates Pin 1.
(b)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)
(a)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)
Part No.
(or abbreviation code)
F3B
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code


유사한 부품 번호 - TPCF8102_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102 Datasheet
224Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results

유사한 설명 - TPCF8102_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com