전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCF8301 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPCF8301
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8301 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPCF8301_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8301_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCF8301
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 72 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 4.7 S (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −20 V)
• Enhancement model: Vth = −0.5 to −1.2 V
(VDS = −10 V, ID = −200 μA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
−2.7
Drain current
Pulse
(Note 1)
IDP
−10.8
A
Single-device operation
(Note 3a)
PD (1)
1.35
Drain power
dissipation
(t
= 5 s) (Note 2a) Single-device value at
dual operation (Note 3b)
PD (2)
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
Drain power
dissipation
(t
= 5 s) (Note 2b) Single-device value at
dual operation (Note 3b)
PD (2)
0.33
W
Single pulse avalanche energy
(Note 4)
EAS
1.2
mJ
Avalanche current
IAR
−1.35
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3U1B
Weight: 0.011 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


유사한 부품 번호 - TPCF8301_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCF8301 TOSHIBA-TPCF8301 Datasheet
75Kb / 5P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U竊뛏OS??
TPCF8301 TOSHIBA-TPCF8301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPCF8301_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com