전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC4002E 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC4002E
상세설명  High-Speed CMOS Logic Dual 4-Input NOR Gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4002E 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HC4002E Datasheet HTML 1Page - Texas Instruments CD74HC4002E Datasheet HTML 2Page - Texas Instruments CD74HC4002E Datasheet HTML 3Page - Texas Instruments CD74HC4002E Datasheet HTML 4Page - Texas Instruments CD74HC4002E Datasheet HTML 5Page - Texas Instruments CD74HC4002E Datasheet HTML 6Page - Texas Instruments CD74HC4002E Datasheet HTML 7Page - Texas Instruments CD74HC4002E Datasheet HTML 8Page - Texas Instruments CD74HC4002E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS197E
Features
• Typical Propagation Delay = 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Description
The ’HC4002 logic gate utilizes silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The ’HC4002 logic family is functional as well
as pin compatible with the standard LS logic family.
Pinout
CD54HC4002
(CERDIP)
CD74HC4002
(PDIP, SOIC, SOP, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4002F3A
-55 to 125
14 Ld CERDIP
CD74HC4002E
-55 to 125
14 Ld PDIP
CD74HC4002M
-55 to 125
14 Ld SOIC
CD74HC4002MT
-55 to 125
14 Ld SOIC
CD74HC4002M96
-55 to 125
14 Ld SOIC
CD74HC4002NSR
-55 to 125
14 Ld SOP
CD74HC4002PW
-55 to 125
14 Ld TSSOP
CD74HC4002PWR
-55 to 125
14 Ld TSSOP
CD74HC4002PWT
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
1Y
1A
1B
1C
1D
NC
GND
VCC
2Y
2D
2C
2B
2A
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4002, CD74HC4002
High-Speed CMOS Logic
Dual 4-Input NOR Gate
[ /Title
(CD74H
C4002)
/Subject
(High
Speed
CMOS
Logic
Dual 4-
Input
NOR
Gate)


유사한 부품 번호 - CD74HC4002E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4002E TI-CD74HC4002E Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002E TI-CD74HC4002E Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002EE4 TI-CD74HC4002EE4 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results

유사한 설명 - CD74HC4002E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC02 TI-CD54HC02 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02 TI-CD74HC02 Datasheet
39Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC02 TI-CD54HC02_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
logo
ELM Technology Corporat...
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
logo
Texas Instruments
CD54HC02 TI1-CD54HC02_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com