전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCS8211 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPCS8211
상세설명  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8211 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPCS8211 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCS8211
2007-01-16
4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
0
VGS = 1.4 V
1.5
2
4, 5
0
123
4
5
2
4
6
8
10
1.8
Common source
Ta
= 25°C
Pulse test
1.7
1.6
0
VGS = 1.4 V
1.5
1.6
1.7
2
0
0.4
0.8
1.2
1.6
2.0
1
2
3
4
5
Common source
Ta
= 25°C
Pulse test
4, 5
0
0
1
2
3
4
5
2
4
6
8
10
Ta
= −55°C
100
25
Common source
VDS = 10 V
Pulse test
0
0
2
4
6
8
10
0.2
0.4
0.8
6
ID = 12 A
0.6
Common source
Ta
= 25°C
Pulse test
1.5
3
1
0.1
1
10
10
100
Ta
= −55°C
25
100
Common source
VDS = 10 V
Pulse test
1
0.1
1
10
10
100
VGS = 4 V
Common source
Ta
= 25°C
Pulse test
2.5
2


유사한 부품 번호 - TPCS8211

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results

유사한 설명 - TPCS8211

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com