전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4105AK 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TPD4105AK
상세설명  High Voltage Monolithic Silicon Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4105AK 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD4105AK_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 9Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 10Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 11Page - Toshiba Semiconductor TPD4105AK_07 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPD4105AK
2007-05-10
8
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VBB
500
V
Power supply voltage
VCC
18
V
Output current (DC)
Iout
3
A
Output current (pulse)
Iout
4
A
Input voltage
VIN
-0.5~7
V
VREG current
IREG
50
mA
DIAG current
IDIAG
20
mA
Power dissipation (Ta
= 25°C)
PC
4
W
Power dissipation (Tc
= 25°C)
PC
20
W
Operating temperature
Tjopr
-20~135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Lead-heat sink isolation voltage
Vhs
1000 (1 min)
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and
the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).


유사한 부품 번호 - TPD4105AK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

유사한 설명 - TPD4105AK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4144AK TOSHIBA-TPD4144AK Datasheet
377Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com