전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C10082MD 데이터시트(PDF) 3 Page - Hamamatsu Corporation

부품명 C10082MD
상세설명  Mini-spectrometer TM series Integrating optical system, image sensor and circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10082MD 데이터시트(HTML) 3 Page - Hamamatsu Corporation

  C10082MD Datasheet HTML 1Page - Hamamatsu Corporation C10082MD Datasheet HTML 2Page - Hamamatsu Corporation C10082MD Datasheet HTML 3Page - Hamamatsu Corporation C10082MD Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mini-spectrometer TM series
C10082MD, C10083MD
WAVELENGTH (nm)
200
0
10000
20000
30000
40000
400
600
300
500
700
800
BLUE LED
ORANGE LED
RED LED
(Typ. Ta=25 ˚C)
KACCA0171EC
94
s Accessories
· USB cable
· Dedicated software (sample software, device driver, DLL)
3
KACCB0126EA
s Measurement example
Line spectra from LED were measured with C10082MD
(TM-UV/VIS-MOS)
s Dimensional outline (unit: mm)
s Options (sold separately)
Optical fibers for light input
Type. No
Product name
Core diameter (µm)
Specification
A9762-01
Fiber for UV/visible range
(resistance to UV)
600
N.A.=0.22, length 1.5 m,
connectorized SMA905D
at both ends


유사한 부품 번호 - C10082MD

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
C10082CA HAMAMATSU-C10082CA Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CAH HAMAMATSU-C10082CAH Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
More results

유사한 설명 - C10082MD

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
C9406GC HAMAMATSU-C9406GC Datasheet
420Kb / 4P
   Integrating optical system, image sensor and circuit
C9404MC HAMAMATSU-C9404MC Datasheet
414Kb / 4P
   Integrating optical system, image sensor and circuit
C10082CA HAMAMATSU-C10082CA Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C11482GA HAMAMATSU-C11482GA Datasheet
580Kb / 8P
   Mini-spectrometer
C11118GA HAMAMATSU-C11118GA_15 Datasheet
322Kb / 7P
   Mini-spectrometer
C13053MA HAMAMATSU-C13053MA_15 Datasheet
406Kb / 9P
   Mini-spectrometer
C13054MA HAMAMATSU-C13054MA_15 Datasheet
410Kb / 9P
   Mini-spectrometer
C11697MB HAMAMATSU-C11697MB_15 Datasheet
297Kb / 9P
   Mini-spectrometer
C11482GA HAMAMATSU-C11482GA_15 Datasheet
266Kb / 8P
   Mini-spectrometer
C9404CA HAMAMATSU-C9404CA Datasheet
302Kb / 4P
   Mini-spectrometer TG series
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com