전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT8652DLG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74ABT8652DLG4
상세설명  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8652DLG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74ABT8652DLG4 Datasheet HTML 6Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 7Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 8Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 9Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 10Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 11Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 12Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 13Page - Texas Instruments SN74ABT8652DLG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SN54ABT8652, SN74ABT8652
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SCBS122F – AUGUST 1992 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 38 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input and two BSCs for each normal-function I/O (one for input data and one for output data).
The BSR is used to store test data that is to be applied internally to the inputs of the normal on-chip logic and/or
externally to the device output terminals, and/or to capture data that appears internally at the outputs of the
normal on-chip logic and/or externally at the device input terminals.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, the value of each BSC is reset to logic 0 except BSC 36, which is reset to logic 1.
The BSR order of scan is from TDI through bits 37–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
37
OEAB
31
A8-I
23
A8-O
15
B8-I
7
B8-O
36
OEBA
30
A7-I
22
A7-O
14
B7-I
6
B7-O
35
CLKAB
29
A6-I
21
A6-O
13
B6-I
5
B6-O
34
CLKBA
28
A5-I
20
A5-O
12
B5-I
4
B5-O
33
SAB
27
A4-I
19
A4-O
11
B4-I
3
B4-O
32
SBA
26
A3-I
18
A3-O
10
B3-I
2
B3-O
––
––
25
A2-I
17
A2-O
9
B2-I
1
B2-O
––
––
24
A1-I
16
A1-O
8
B1-I
0
B1-O
boundary-control register
The boundary-control register (BCR) is 11 bits long. The BCR is used in the context of the RUNT instruction to
implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations include
PRPG, PSA with input masking, and binary count up (COUNT). Table 4 shows the test operations that are
decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 00000000010, which selects the PSA test operation with no input masking.
The BCR order of scan is from TDI through bits 10–0 to TDO. Table 2 shows the BCR bits and their associated
test control signals.
Table 2. Boundary-Control Register Configuration
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
10
MASK8
6
MASK4
2
OPCODE2
9
MASK7
5
MASK3
1
OPCODE1
8
MASK6
4
MASK2
0
OPCODE0
7
MASK5
3
MASK1


유사한 부품 번호 - SN74ABT8652DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT8652DLG4 TI1-SN74ABT8652DLG4 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
More results

유사한 설명 - SN74ABT8652DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com