전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FX20KMJ-06 데이터시트(PDF) 2 Page - Powerex Power Semiconductors

부품명 FX20KMJ-06
상세설명  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX20KMJ-06 데이터시트(HTML) 2 Page - Powerex Power Semiconductors

  FX20KMJ-06 Datasheet HTML 1Page - Powerex Power Semiconductors FX20KMJ-06 Datasheet HTML 2Page - Powerex Power Semiconductors FX20KMJ-06 Datasheet HTML 3Page - Powerex Power Semiconductors FX20KMJ-06 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
V
µA
mA
V
m
m
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
–60
–1.3
–1.8
73
119
–0.73
10.9
2370
306
147
15
37
131
72
–1.0
50
±0.1
–0.1
–2.3
97
166
–0.97
–1.5
5.00
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES
ID = –1mA, VGS = 0V
VGS = ±20V, VDS = 0V
VDS = –60V, VGS = 0V
ID = –1mA, VDS = –10V
ID = –10A, VGS = –10V
ID = –10A, VGS = –4V
ID = –10A, VGS = –10V
ID = –10A, VDS = –10V
VDS = –10V, VGS = 0V, f = 1MHz
VDD = –30V, ID = –10A, VGS = –10V, RGEN = RGS = 50
IS = –10A, VGS = 0V
Channel to case
IS = –20A, dis/dt = 100A/
µs
0
10
20
30
40
50
0
200
50
100
150
0
10
20
30
40
50
0
2
4
6
8
10
PD =
25W
VGS =
–10V
Tc = 25°C
Pulse Test
–6V
–3V
–4V
–5V
–8V
0
4
–8
–12
–16
–20
0
–1.0
–2.0
–3.0
–4.0
–5.0
–6V
–5V
–4V
–3V
–8V
–10V
VGS =
Tc = 25°C
Pulse Test
–100
–2
–3
–5
–7
–101
–2
–3
–5
–7
–100 –2
–101
–3 –5 –7
–2
–102
–3 –5 –7
–102
–2
–3
–5
–7
–2
–2 –3 –5 –7
–2
tw =
TC = 25°C
Single Pulse
100
µs
10ms
1ms
DC
10
µs
PD =25W
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
MITSUBISHI Pch POWER MOSFET
FX20KMJ-06
HIGH-SPEED SWITCHING USE


유사한 부품 번호 - FX20KMJ-06

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
FX20KMJ-06 MITSUBISHI-FX20KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX20KMJ-06 RENESAS-FX20KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
logo
VBsemi Electronics Co.,...
FX20KMJ-06 VBSEMI-FX20KMJ-06 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
FX20KMJ-06-A8 RENESAS-FX20KMJ-06-A8 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

유사한 설명 - FX20KMJ-06

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
FX30KMJ-2 POWEREX-FX30KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-03 POWEREX-FX50KMJ-03 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-2 POWEREX-FX50KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com