전자부품 데이터시트 검색엔진 |
|
74ABT16823DGGRG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
74ABT16823DGGRG4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 17 page SN54ABT16823, SN74ABT16823 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS217C – JUNE 1992 – REVISED JANUARY 1997 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 1.5 V th tsu From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 7 V Open GND 500 Ω 500 Ω Data Input Timing Input 1.5 V 3 V 0 V 1.5 V 1.5 V 3 V 0 V 3 V 0 V 1.5 V 1.5 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL 1.5 V 1.5 V 3 V 0 V 1.5 V 1.5 V Input 1.5 V Output Control Output Waveform 1 S1 at 7 V (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 3.5 V 0 V 1.5 V VOL + 0.3 V 1.5 V VOH – 0.3 V ≈ 0 V 3 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 7 V Open TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - 74ABT16823DGGRG4 |
|
유사한 설명 - 74ABT16823DGGRG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |