전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL783Y 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TL783Y
상세설명  HIGH-VOLTAGE ADJUSTABLE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL783Y 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL783Y Datasheet HTML 4Page - Texas Instruments TL783Y Datasheet HTML 5Page - Texas Instruments TL783Y Datasheet HTML 6Page - Texas Instruments TL783Y Datasheet HTML 7Page - Texas Instruments TL783Y Datasheet HTML 8Page - Texas Instruments TL783Y Datasheet HTML 9Page - Texas Instruments TL783Y Datasheet HTML 10Page - Texas Instruments TL783Y Datasheet HTML 11Page - Texas Instruments TL783Y Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TL783C, TL783Y
HIGH-VOLTAGE ADJUSTABLE REGULATOR
SLVS036C – SEPTEMBER 1981 – REVISED APRIL 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
86
84
82
80
025
50
75
88
INPUT CURRENT AT ADJ
vs
VIRTUAL JUNCTION TEMPERATURE
90
100
125
TJ – Virtual Junction Temperature – °C
VI = 25 V
VO = Vref
IO = 500 mA
Figure 12
20
10
5
0
–75
–50
–25
0
25
50
DROPOUT VOLTAGE
vs
VIRTUAL JUNCTION TEMPERATURE
75
100
125
25
15
TJ – Virtual Junction Temperature – °C
∆VO = 100 mV
IO = 700 mA
IO = 600 mA
IO = 500 mA
IO = 250 mA
IO = 100 mA
IO = 15 mA
Figure 13
–0.2
–0.3
–0.4
–0.5
0
25
50
75
100
125
150
–0.1
0
OUTPUT VOLTAGE DEVIATION
vs
VIRTUAL JUNCTION TEMPERATURE
TJ – Virtual Junction Temperature – °C
VI = 25 V
VO = 5 V
IO = 15 mA to 700 mA
Figure 14
6
4
2
0
025
50
75
8
10
12
100
125
OUTPUT CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
TC = 25°C
TC = 125°C
TC = 0°C
† This is the minimum current required to maintain voltage
regulation.


유사한 부품 번호 - TL783Y

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL783Y TI-TL783Y Datasheet
205Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
More results

유사한 설명 - TL783Y

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL783 TI1-TL783_12 Datasheet
626Kb / 20P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
TL783 TI-TL783 Datasheet
205Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
logo
Texas Instruments
TL783 TI-TL783_15 Datasheet
1Mb / 27P
[Old version datasheet]   TL783 High-voltage Adjustable Regulator
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com