전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FX50KMJ-2 데이터시트(PDF) 4 Page - Powerex Power Semiconductors

부품명 FX50KMJ-2
부품 상세설명  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX50KMJ-2 데이터시트(HTML) 4 Page - Powerex Power Semiconductors

  FX50KMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
0
–2
–4
–6
–8
–10
0
40
80
120
160
200
VDS =
–20V
–40V
–80V
Tch = 25°C
ID = –50A
0
–20
–40
–60
–80
–100
0
–0.4
–0.8
–1.2
–1.6
–2.0
TC =
25°C
75°C
125°C
VGS = 0V
Pulse Test
10–1
100
2
3
5
7
101
2
3
5
7
–50
0
50
100
150
VGS = –10V
ID = 1/2ID
Pulse Test
0
–0.8
–1.6
–2.4
–3.2
–4.0
–50
0
50
100
150
VDS = –10V
ID = –1mA
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = –1mA
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
10–423 5 7
23 5 7
23 5 7
23 5 7
100 23 5 7 101 23 5 7 102
10–3
10–2
10–1
PDM
tw
D
=
T
tw
T
D = 1.0
0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)
MITSUBISHI Pch POWER MOSFET
FX50KMJ-2
HIGH-SPEED SWITCHING USE


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
FX3ASJ-3 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FY4AEJ-03 HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET 1  2  3  4  5  More Renesas Technology Corp
FX20ASJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-2 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn