전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FX50KMJ-2 데이터시트(PDF) 1 Page - Powerex Power Semiconductors

부품명 FX50KMJ-2
부품 상세설명  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX50KMJ-2 데이터시트(HTML) 1 Page - Powerex Power Semiconductors

  FX50KMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
4V DRIVE
VDSS ............................................................. –100V
rDS (ON) (MAX) ................................................ 50mΩ
ID .................................................................... –50A
Integrated Fast Recovery Diode (TYP.) .........100ns
Viso ................................................................................ 2000V
FX50KMJ-2
TO-220FN
V
V
A
A
A
A
A
W
°C
°C
V
g
–100
±20
–50
–200
–50
–50
–200
35
–55 ~ +150
–55 ~ +150
2000
2.0
VGS = 0V
VDS = 0V
L = 30
µH
AC for 1minute, Terminal to case
Typical value
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Viso
10 ± 0.3
2.8 ± 0.2
φ 3.2 ± 0.2
1.1 ± 0.2
1.1 ± 0.2
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
0.75 ± 0.15
E
1
1
1
2
2
2
3
3
3
GATE
DRAIN
SOURCE
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
Symbol
MAXIMUM RATINGS (Tc = 25°C)
Parameter
Conditions
Ratings
Unit
MITSUBISHI Pch POWER MOSFET
FX50KMJ-2
HIGH-SPEED SWITCHING USE


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
FX3ASJ-3 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FY4AEJ-03 HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET 1  2  3  4  5  More Renesas Technology Corp
FX20ASJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-2 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn