전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FX50KMJ-2 데이터시트(PDF) 3 Page - Powerex Power Semiconductors

부품명 FX50KMJ-2
부품 상세설명  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX50KMJ-2 데이터시트(HTML) 3 Page - Powerex Power Semiconductors

  FX50KMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FX50KMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
–100
–101
–2 –3
–5 –7
–102
–2 –3
–5 –7
100
101
2
3
5
7
102
2
3
5
7
TC =
25°C 75°C 125°C
VDS = –10V
Pulse Test
0
20
40
60
80
100
–100
–2
–101
–3
–5 –7
–2
–102
–3
–5 –7
VGS = –4V
Tc = 25°C
Pulse Test
–10V
0
–20
–40
–60
–80
–100
0
–2–4–6–8
–10
Tc = 25°C
VDS = –10V
Pulse Test
0
–2
–4
–6
–8
–10
0
–2–4–6–8
–10
ID = –100A
Tc = 25°C
Pulse Test
–50A
–25A
103
3
5
7
–100
–3 –5 –7
–102
–3
–2
–5 –7
–101
–3
–2
–5 –7
–3
–2
2
104
3
5
7
2
2
Ciss
Coss
Crss
Tch = 25°C
VGS = 0V
f = 1MHZ
–101
–2 –3
–5 –7
–2 –3
–5 –7
–100
–7
102
2
3
5
7
103
2
2
3
5
7
td(on)
tr
td(off)
tf
Tch = 25°C
VGS = –10V
VDD = –50V
RGEN = RGS = 50
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Pch POWER MOSFET
FX50KMJ-2
HIGH-SPEED SWITCHING USE


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
FX3ASJ-3 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50KMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FY4AEJ-03 HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET 1  2  3  4  5  More Renesas Technology Corp
FX20ASJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20ASJ-2 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX50SMJ-06 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors
FX20KMJ-03 Pch POWER MOSFET HIGH-SPEED SWITCHING USE 1  2  3  4  Powerex Power Semiconductors

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn