전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2399 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK2399
상세설명  Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2399 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK2399 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2399 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2399 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2399 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2399 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2399 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2399
2006-11-20
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (L
2
−π−MOSV)
2SK2399
Chopper Regulator, DC/DC Converter and Motor Drive
Applications
4 V gate drive
Low drain−source ON-resistance
: RDS (ON) = 0.17 Ω (typ.)
High forward transfer admittance
: |Yfs| = 4.5 S (typ.)
Low leakage current : IDSS = 100 μA (max) (VDS = 100 V)
Enhancement mode
: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain−source voltage
VDSS
100
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
100
V
Gate−source voltage
VGSS
±20
V
DC (Note 1)
ID
5
A
Drain current
Pulse (Note 1)
IDP
20
A
Drain power dissipation (Tc = 25°C)
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
180
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
125
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 11.6 mH, RG = 25 Ω, IAR = 5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


유사한 부품 번호 - 2SK2399

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2399 TOSHIBA-2SK2399 Datasheet
292Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2399 TOSHIBA-2SK2399 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SK2399

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4019 TOSHIBA-2SK4019 Datasheet
771Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com