전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86FH46ANG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TMP86FH46ANG
상세설명  8 Bit Microcontroller
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH46ANG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TMP86FH46ANG Datasheet HTML 1Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 214 page
background image
TMP86FH46ANG
Difference among product (TMP86xx47 Series)
Note 1: The products with Flash memory (86FH47,86FH47A) contain the Flash control register (FLSCR) at 0FFFH in the DBR
area. The products with mask ROM or OTP and the emulation chip do not have the FLSCR register. In these
devices,therefore, a program that accesses the FLSCR register cannot function properly (executes differently as in the
case of a Flash product).
Note 2: The TXD and RXD pins to be used in Serial PROM mode differ between the 86FH47 and the 86FH47A. Take this into con-
sideration in your board design when you replace the product. Details of the function refer to the chapter of the
86FH47,86FH47A data sheet.
86C847
86CH47
86CH47A
86CM47
86CM47A
86PH47
86PM47
86PM47A
86FH47
86FH47A
ROM
8192bytes
(MASK)
16384bytes
(MASK)
32768bytes
(MASK)
16384bytes
(OTP)
32768bytes
(OTP)
16384bytes
(FLASH)
RAM
512bytes
512bytes
1024bytes
512bytes
1024bytes
512bytes
512bytes
DBR(note1)
128bytes
(Flash control register
contained)
I/O
35pins
Large current
output
19pins
(LED direct drive)
Interrupt
18interrupt sources
(External : 6 Internal : 12)
Timer counter
16-bit timer counter : 1ch
8-bit timer counter : 2ch
UART
8-bit UART : 1ch
SIO
High-Speed SIO : 1ch
Key-on wakeup
4ch
10-bit AD converter
Analog-input : 8ch
Structure
of TEST pin
Terminal for
SERIAL PROM
MODE(note2)
BOOT1/RXD(P10)
BOOT2/TXD(P11)
BOOT/RXD(P02)
TXD(P03)
Emulation Chip
TMP86C947XB
Package
(P-LQFP44-1010-
0.80A)
Available
Available
(86CH47)
Available
N.A.
Available
Available
N.A.
Package
(P-LQFP44-1010-
0.80B)
N.A.
Available
(86CH47A)
N.A.
Available
N.A.
N.A.
Available
VDD
RIN
R
R
without pull
down resister
without protect diode
on the VDD side
VDD
RIN
R
R
VDD
without pull
down resister


유사한 부품 번호 - TMP86FH46ANG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

유사한 설명 - TMP86FH46ANG

제조업체부품명데이터시트상세설명
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com