전자부품 데이터시트 검색엔진 |
|
TMP86FH46ANG 데이터시트(PDF) 5 Page - Toshiba Semiconductor |
|
TMP86FH46ANG 데이터시트(HTML) 5 Page - Toshiba Semiconductor |
5 / 214 page Page 5 TMP86FH46ANG Differences in Electrical Characteristics (TMP86xx46 Series) Note 1: With The 86CH46A,PH46 the operating temperature (Topr) is -20 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V. Note 2: With The 86FH46A, the operating temperature (Topr) is -20 ℃ to 85 ℃ when the supply voltage VDD is less than 3.0V. Note 3: With The 86FH46A, when a program is executing in the Flash memory or when data is being read from the Flash memory, the Flash memory operates in an intermittent manner causing peak currents in the Flash memory momentarily, as shown in Figure. in this case, the supply current IDD(in NORMAL1,NORMAL2 and SLOW1 mode) is defined as the sum of the average peak current and MCU current. 86C846 / 86CH46 / 86CM46 86CM46A 86PM46 86PH46 86CH46A 86FH46 86FH46A Operat- ing con- dition (MCU mode) Read/ Fetch (a) 1.8V to 5.5V (-40 to 85 ℃ ) (a) 2.0V to 5.5V (-40 to 85 ℃ ) (b) 1.8V to 2.0V (-20 to 85 ℃ ) (a) 2.7V to 5.5V (-40 to 85 ℃ ) (a) 3.0V to 5.5V (-40 to 85 ℃ ) (b) 2.7V to 3.0V (-20 to 85 ℃ ) Erase/ Pro- gram --- (a) 4.5V to 5.5V (-10 to 40 ℃ ) Operating condition (Serial PROM mode) -- (a) 4.5V to 5.5V (20 to 30 ℃ ) (a) 4.5V to 5.5V (-10 to 40 ℃ ) Operating current Operating current varies with each product. For details, refer to the datacheet (electrical chracteristics) of each product. (Note3) 5.5 4.5 2.7 1.8 1 4.2 8 16 [MHz] [V] (a) 5.5 4.5 2.7 1.8 2.0 1 4.2 8 16 [MHz] [V] (a) (b) (Note1) 5.5 4.5 2.7 1.8 1 4.2 8 16 [MHz] [V] (a) 5.5 4.5 3.0 2.7 1.8 1 4.2 8 16 (a) (b) (Note2) [MHz] [V] 5.5 4.5 2.7 1.8 1 4.2 8 16 [MHz] [V] (a) 5.5 4.5 2.7 1.8 2 4 8 16 [MHz] [V] (a) 5.5 4.5 2.7 1.8 2 4.2 8 16 [MHz] [V] (a) n Program counter (PC) n+1 n+2 n+3 1 machine cycle (4/fc or 4/fs) MCU current I [mA] DDP-P Typ. current Momentary Flash current Max. current Sum of average momentary Flash current and MCU current Intermittent Operation of Flash Memory |
유사한 부품 번호 - TMP86FH46ANG |
|
유사한 설명 - TMP86FH46ANG |