전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3310 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SK3310
상세설명  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3310 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SK3310_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3310_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3310_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3310_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3310_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3310_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3310
2006-11-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate -source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-off current
IDSS
VDS = 450 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
450
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
5.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 5 A
0.48
0.65
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 5 A
1.5
4.3
S
Input capacitance
Ciss
920
Reverse transfer capacitance
Crss
12
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
140
pF
Rise time
tr
25
Turn-on time
ton
35
Fall time
tf
10
Switching time
Turn-off time
toff
60
ns
Total gate charge
Qg
23
Gate-source charge
Qgs
9
Gate-drain charge
Qgd
VDD ∼− 360 V, VGS = 10 V, ID = 10 A
14
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
10
A
Pulse drain reverse current
(Note 1)
IDRP
40
A
Forward voltage (diode)
VDSF
IDR = 10 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
280
ns
Reverse recovery charge
Qrr
IDR = 10 A, VGS = 0 V,
dIDR/dt = 100 A/μs
2.7
μC
Marking
Duty <= 1%, tw = 10 μs
0 V
10 V
VGS
RL = 40 Ω
VDD ∼− 200 V
ID = 5 A
VOUT
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
K3310
Part No. (or abbreviation code)


유사한 부품 번호 - 2SK3310_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310_09 Datasheet
185Kb / 6P
   Switching Regulator Applications
More results

유사한 설명 - 2SK3310_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com