전자부품 데이터시트 검색엔진 |
|
TC7SG86FU 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TC7SG86FU 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page TC7SG86FU 2007-11-01 2 IEC Logic Symbol Truth Table A B Y L L L L H H H L H H H L Operating Ranges Characteristics Symbol Value Unit Power supply voltage VCC 0.9~3.6 V Input voltage VIN 0~5.5 V 0~3.6 (Note 4) Output voltage VOUT 0~VCC (Note 5) V ±8.0 (Note 6) ±4.0 (Note 7) ±3.0 (Note 8) ±1.7 (Note 9) ±0.3 (Note 10) Output Current IOH/IOL ±0.02 (Note 11) mA Operating temperature Topr −40~85 °C Input rise and fall time dt/dV 0~10 (Note 12) ns/V Note 4: VCC = 0V Note 5: High or Low state. Note 6: VCC = 3.0~3.6 V Note 7: VCC = 2.3~2.7 V Note 8: VCC = 1.65~1.95 V Note 9: VCC = 1.4~1.6 V Note 10: VCC = 1.1~1.3 V Note 11: VCC = 0.9 V Note 12: VIN = 0.8~2.0 V, VCC = 3.0 V IN A IN B =1 OUT Y |
유사한 부품 번호 - TC7SG86FU |
|
유사한 설명 - TC7SG86FU |