전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ05F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7SZ05F
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ05F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ05F_05 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ05F_05 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ05FU
2005-05-17
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ05F,TC7SZ05FU
Inverter (Open Drain)
Features
• High output drive: 24 mA (min) @VCC = 3 V
• Super high speed operation:
tpz = 1.9 ns(typ.)@VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.80~5.5 V
• 5.5V tolerant input.
• Power down protection is provided on output.
• Matches the performance of TC74LCX series when operated
at 3.3 V VCC.
Marking
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10s)
TL
260
°C
TC7SZ05F
TC7SZ05FU
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A
: 0.006 g (typ.)
Type name
J E
Pin Assignment (top view)
NC
IN A
GND
1
2
3
5
4
VCC
OUT Y


유사한 부품 번호 - TC7SZ05F_05

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F_09 Datasheet
175Kb / 7P
   Inverter (Open Drain)
More results

유사한 설명 - TC7SZ05F_05

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7SZ05FU KEC-KIC7SZ05FU Datasheet
225Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER OPEN DRAIN)
logo
Toshiba Semiconductor
TC7SZ07AFE TOSHIBA-TC7SZ07AFE Datasheet
202Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic NON-Inverter (Open Drain)
TC74AC05P TOSHIBA-TC74AC05P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC07AP TOSHIBA-TC74HC07AP_07 Datasheet
224Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Buffer (open drain)
logo
KEC(Korea Electronics)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7S04FU KEC-KIC7S04FU Datasheet
259Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com