전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WG74FU 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC7WG74FU
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG74FU 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC7WG74FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 7Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 8Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7WG74FU/FK
2007-11-01
2
Truth Table
IEC logic Symbol
Inputs
Outputs
CLR
PR
D
CK
Q
Q
Function
L
H
X
X
L
H
Clear
H
L
X
X
H
L
Preset
L
L
X
X
H
H
H
H
L
L
H
H
H
H
H
L
H
H
X
Qn
Qn
No Change
X: Don’t care
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
0~3.6
(Note 4)
Output voltage
VOUT
0~VCC
(Note 5)
V
±8.0
(Note 6)
±4.0
(Note 7)
±3.0
(Note 8)
±1.7
(Note 9)
±0.3
(Note 10)
Output Current
IOH/IOL
±0.02
(Note 11)
mA
Operating temperature
Topr
40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state.
Note 6: VCC = 3.0~3.6 V
Note 7: VCC = 2.3~2.7 V
Note 8: VCC = 1.65~1.95 V
Note 9: VCC = 1.4~1.6 V
Note 10: VCC = 1.1~1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8~2.0 V, VCC = 3.0 V
Q
Q
PR
CK
D
CLR
S
C
D
R


유사한 부품 번호 - TC7WG74FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG74FU TOSHIBA-TC7WG74FU_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
More results

유사한 설명 - TC7WG74FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG74FC TOSHIBA-TC7WG74FC Datasheet
179Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
logo
KEC(Korea Electronics)
KIC7WZ74FK KEC-KIC7WZ74FK Datasheet
46Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
KIC7W74FK KEC-KIC7W74FK Datasheet
315Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
logo
Toshiba Semiconductor
TC7WH74FC TOSHIBA-TC7WH74FC Datasheet
148Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC74HC74AP TOSHIBA-TC74HC74AP_07 Datasheet
312Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
TC74ACT74P TOSHIBA-TC74ACT74P_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74AC74F TOSHIBA-TC74AC74F_07 Datasheet
275Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com