전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WG125FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7WG125FK
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG125FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7WG125FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7WG125FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WG125FU,TC7WG125FK
Dual Bus Buffer with 3-STATE Output
Features
• High-level output current:
IOH/IOL = ±8 mA (min)
at VCC = 3 V
• High-speed operation: tpd = 2.5 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range: VCC = 0.9~3.6 V
• 5.5-V tolerant inputs
• 3.6-V power down protection outputs
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VCC = 0V
Note 2: High or Low State. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND
TC7WG125FU
TC7WG125FK
Weight
SSOP8-P-0.65 : 0.02 g (typ.)
SSOP8-P-0.50A : 0.01 g (typ.)
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~7.0
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20 (Note 3)
mA
DC output current
IOUT
±25
mA
DC VCC / ground current
ICC
±100
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
SM8
US8
Product name
G 125
Lot. No
WG
125
VCC
Y1
A2
G1
GND
A1
1
2
3
4
Y2
G2
8
7
6
5


유사한 부품 번호 - TC7WG125FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
More results

유사한 설명 - TC7WG125FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com