전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ14FU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7SZ14FU
상세설명  Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ14FU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ14FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SZ14F/FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ14F,TC7SZ14FU
Schmitt Inverter
Features
• High output drive: ±24 mA (min) at VCC = 3 V
• Super high speed operation: tpd = 3.7 ns (typ.)
at VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.65~5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated at
3.3- V VCC
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to 6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/Derating
Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC7SZ14F
TC7SZ14FU
Weight:
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
Type name
J A
Marking
Pin Assignment (top view)
GND
1
2
3
5
4
VCC
OUT Y
NC
IN A


유사한 부품 번호 - TC7SZ14FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ14FU TOSHIBA-TC7SZ14FU Datasheet
131Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ14FU TOSHIBA-TC7SZ14FU Datasheet
169Kb / 6P
   Schmitt Inverter
More results

유사한 설명 - TC7SZ14FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
   Schmitt Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
   Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
   SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
   Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
   SCHMITT INVERTER
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
   SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com