전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ32FU 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7SZ32FU
상세설명  2 Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ32FU 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ32FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ32FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ32F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
VCC
× 0.88
VCC
× 0.88
High-level input
voltage
VIH
2.3~5.5
VCC
× 0.75
VCC
× 0.75
V
1.8
VCC
× 0.12
VCC
× 0.12
Low-level input
voltage
VIL
2.3~5.5
VCC
× 0.25
VCC
× 0.25
V
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
output voltage
VOH
VIN = VIH
or VIL
IOH = −32 mA
4.5
3.8
4.2
3.8
V
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level
output voltage
VOL
VIN = VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0-5.5
±1
±10
μA
Power off
leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


유사한 부품 번호 - TC7SZ32FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ32FU TOSHIBA-TC7SZ32FU Datasheet
174Kb / 7P
   2-Input OR Gate
More results

유사한 설명 - TC7SZ32FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com