전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WP3125FK 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC7WP3125FK
상세설명  Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WP3125FK 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7WP3125FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 9Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC7WP3125FK/FC
2007-10-19
6
VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(An
Bn)
tpLH
tpHL
Figure 1, Figure 2
1.0
22
3-state output enable time
( OE
Bn)
tpZL
tpZH
Figure 1, Figure 3
1.0
52
3-state output disable time
(
OE
Bn)
tpLZ
tpHZ
Figure 1, Figure 3
1.0
18
ns
Output to output skew
tosLH
tosHL
(Note)
1.5
ns
Note: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(An
Bn)
tpLH
tpHL
Figure 1, Figure 2
1.0
9.5
3-state output enable time
( OE
Bn)
tpZL
tpZH
Figure 1, Figure 3
1.0
12.6
3-state output disable time
( OE
Bn)
tpLZ
tpHZ
Figure 1, Figure 3
1.0
5.1
ns
Output to output skew
tosLH
tosHL
(Note)
0.5
ns
Note: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(An
Bn)
tpLH
tpHL
Figure 1, Figure 2
1.0
10.5
3-state output enable time
( OE Bn)
tpZL
tpZH
Figure 1, Figure 3
1.0
15.4
3-state output disable time
( OE
Bn)
tpLZ
tpHZ
Figure 1, Figure 3
1.0
6.4
ns
Output to output skew
tosLH
tosHL
(Note)
1.5
ns
Note: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


유사한 부품 번호 - TC7WP3125FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

유사한 설명 - TC7WP3125FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com