전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WP3125FC 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7WP3125FC
상세설명  Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WP3125FC 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7WP3125FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 6Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 7Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 8Page - Toshiba Semiconductor TC7WP3125FC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC7WP3125FK/FC
2007-10-19
4
Electrical Characteristics
DC Characteristics (1.1 V <= VCCA <= 2.7 V , 1.65 V <= VCCB <= 3.6 V)
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCCA (V)
VCCB (V)
Min
Max
Unit
1.1VCCA <1.4
1.65 to 3.6
0.65×
VccA
V
1.4VCCA <1.65
2.3 to 3.6
0.65×
VccA
V
1.65VCCA <2.3
2.3 to 3.6
0.65×
VccA
V
H-level input voltage
VIHA
VIN
2.3VCCA 2.7 2.7 to 3.6
1.6
V
1.1VCCA <1.4
1.65 to 3.6
0.30
×
VCCA
V
1.4VCCA <1.65
2.3 to 3.6
0.30
×
VCCA
V
1.65VCCA <2.3
2.3 to 3.6
0.35
×
VCCA
V
L-level input voltage
VILA
VIN
2.3VCCA 2.7 2.7 to 3.6
0.7
V
IOHB = −100 μA
1.1 to 2.7
1.65 to 3.6
VCCB
0.2
IOHB = − 3 mA
1.1 to 1.4
1.65 to 2.3
1.25
IOHB = − 9 mA
1.1 to 2.3
2.3 to 2.7
1.7
H-level output voltage
VOHB
An = VIH
IOHB = −12 mA
1.1 to 2.7
2.7 to 3.6
2.2
V
IOLB = 100 μA
1.1 to 2.7
1.65
to 3.6
0.2
IOLB = 3 mA
1.1 to 1.4
1.65 to 2.3
0.3
IOLB = 9 mA
1.1 to 2.3
2.3 to 2.7
0.6
L-level output voltage
VOLB
An = VIL
IOLB = 12 mA
1.1 to 2.7
2.7 to 3.6
0.55
V
3-state output OFF state
current
IOZB
An = VIHA or VILA
Bn = 0 to 3.6 V
1.1 to 2.7
1.65 to 3.6
±2.0
μA
Input leakage current
IIN
VIN = 0 to 3.6 V
1.1~2.7
1.65 to 3.6
±1.0
μA
IOFF1
VIN,Bn = 0 to 3.6 V
0
0
2.0
IOFF2
1.1 to 2.7
0
2.0
Power-off leakage current
IOFF3
OE
= VCCA
An, Bn = 0 to 3.6 V
1.1 to 2.7
OPEN
2.0
μA
ICCA
VIN = VCCA or GND
1.1 to 2.7
1.65 to 3.6
2.0
ICCB
VIN = VCCA or GND
1.1 to 2.7
1.65 to 3.6
2.0
ICCA
VCCA < VIN <= 3.6 V
1.1 to 2.7
1.65 to 3.6
±2.0
Quiescent supply current
ICCB
VIN=VCCA
VCCB <= Bn <= 3.6 V
1.1 to 2.7
1.65 to 3.6
±2.0
μA


유사한 부품 번호 - TC7WP3125FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

유사한 설명 - TC7WP3125FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com