전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM914AMG-50 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC59LM914AMG-50
상세설명  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM914AMG-50 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC59LM914AMG-50 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM914AMG-50 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
TC59LM914/06AMG-37,-50
2004-08-20
7/59
Rev 1.0
RECOMMENDED DC OPERATING CONDITIONS
(VDD=2.5V ± 0.125V, VDDQ=1.4V ~ 1.9V, TCASE = 0~85°C)
MAX
SYMBOL
PARAMETER
-37
-50
UNIT
NOTES
IDD1S
Operating Current
tCK = min, IRC = min ;
Read/Write command cycling ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
1 bank operation, Burst length
= 4 ;
Address change up to 2 times during minimum IRC.
280
240
1, 2
IDD2N
Standby Current
tCK = min, CS = VIH, PD = VIH ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
All banks: inactive state ;
Other input signals are changed one time during 4
× tCK.
120
100
1, 2
IDD2P
Standby (Power Down) Current
tCK = min, CS = VIH, PD = VIL (Power Down) ;
0 V
≤ VIN ≤ VDDQ ;
All banks: inactive state
90
80
1, 2
IDD4W
Write Operating Current (4 Banks)
8 Bank Interleaved continuos burst wirte operation ;
tCK = min, IRC = min
Burst Length
= 4, CAS Latency = 5
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Address inputs change once per clock cycle ;
DQ and DQS inputs change twice per clock cycle.
450
350
1, 2
IDD4R
Read Operating Current (4 Banks)
8 Bank Interleaved continuos burst wirte operation ;
tCK = min, IRC = min, IOUT = 0mA ;
Burst Length
= 4, CAS Latency = 5 ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Address inputs change once per clock cycle ;
Read data change twice per clock cycle.
450
350
1, 2
IDD5B
Burst Auto Refresh Current
Refresh command at every IREFC at interval ;
tCK = min、IREFC = min
CAS Latency
= 5
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Address inputs change up to 2 times during minimum IREFC.
DQ and DQS inputs change twice per clock cycle.
280
250
1, 2, 3
IDD6
Self-Refresh Current
Self-Refresh mode
PD
= 0.2 V, 0 V ≤ VIN ≤ VDDQ
20
20
mA
2
Notes: 1. These parameters depend on the cycle rate and these values are measured at a cycle rate with the minimum values of
tCK, tRC and IRC.
2. These parameters define the current between VDD and VSS.
3. IDD5B is specified under burst refresh condition. Actual system should use distributed refresh that meet tREFI
specification.


유사한 부품 번호 - TC59LM914AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC59LM914AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com