전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM906AMG-50 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC59LM906AMG-50
상세설명  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM906AMG-50 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC59LM906AMG-50 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
TC59LM914/06AMG-37,-50
2004-08-20
3/59
Rev 1.0
TC59LM914AMG
PIN NAMES
PIN
NAME
PIN
NAME
A0~A13
Address Input
UDQS/LDQS
Write/Read Data Strobe
BA0~BA2
Bank Address
VDD
Power (
+2.5 V)
DQ0~DQ15
Data Input / Output
VSS
Gorund
CS
Chip Select
VDDQ
Power (
+1.5 V / +1.8 V)
(for I/O buffer)
FN
Function Control
VSSQ
Power
(for I/O buffer)
PD
Power Down Control
VREF
Reference Voltage
CLK, CLK
Clock Input
NC
Not Conneted
4 bank operation can be performed using BA2 as A14.
PIN ASSIGNMENT (TOP VIEW)
: Depopulated ball
ball pitch=1.0 x 1.0mm
5
A
B
C
D
E
F
G
H
J
K
1
3
6
4
2
x 16
L
M
N
P
R
NC
NC
NC
NC
VDD
DQ1
DQ2
DQ3
DQ5
DQ6
DQ7
NC
BA2
A13
NC
BA0
A10
A1
VDD
VSS
DQ14
DQ13
DQ12
DQ10
DQ9
DQ8
NC
VREF
CLK
A12
A11
A8
A5
VSS
DQ15
VSSQ
VDDQ
DQ11
VSSQ
VDDQ
VSSQ
VSS
CLK
PD
A9
A7
A6
A4
DQ0
VDDQ
VSSQ
DQ4
VDDQ
VSSQ
VDDQ
VDD
FN
CS
BA1
A0
A2
A3
LDQS
UDQS
Index


유사한 부품 번호 - TC59LM906AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC59LM906AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com