전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3914 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP3914
상세설명  TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3914 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP3914 Datasheet HTML 1Page - Toshiba Semiconductor TLP3914 Datasheet HTML 2Page - Toshiba Semiconductor TLP3914 Datasheet HTML 3Page - Toshiba Semiconductor TLP3914 Datasheet HTML 4Page - Toshiba Semiconductor TLP3914 Datasheet HTML 5Page - Toshiba Semiconductor TLP3914 Datasheet HTML 6Page - Toshiba Semiconductor TLP3914 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3914
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Open-Circuit Voltage
VOC
IF = 10 mA
7
V
Short-Circuit Current
ISC
IF = 10 mA
20
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance Input to Output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation Resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
Ω
AC, 1 minute
1500
AC, 1 second in oil
3000
Vrms
Isolation Voltage
BVS
DC, 1 minute in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn
−on Time
tON
0.3
ms
Turn
−off Time
tOFF
IF = 10 mA, RSH = 300 kΩ
CL = 1000pF
(Note 3)
0.6
ms
(Note 3) : SWITCHING TIME TEST CIRCUIT
VOUT
IF
CL
RSH
RSH : External Shunt Resistance
VOUT
IF
0V
1V
5V
tON
tOFF


유사한 부품 번호 - TLP3914

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results

유사한 설명 - TLP3914

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3924 TOSHIBA-TLP3924 Datasheet
221Kb / 5P
   TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
TLP591B TOSHIBA-TLP591B_07 Datasheet
183Kb / 4P
   Telecommunication Programmable Controllers MOS Gate Driver MOS FET Gate Driver
TLP590B TOSHIBA-TLP590B_07 Datasheet
174Kb / 5P
   Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
   Programmable Controllers DC?뭀utput Module Telecommunication
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
   Programmable Controllers DC-output Module Telecommunication
TLP127 TOSHIBA-TLP127 Datasheet
328Kb / 8P
   PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com