전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74AC138P 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74AC138P
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC138P 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74AC138P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74AC138P/F/FN/FT
2007-10-01
4
Electrical Characteristics
DC Characteristics
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.5
2.10
3.85
1.5
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


유사한 부품 번호 - TC74AC138P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74AC138P TOSHIBA-TC74AC138P Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
TC74AC138P TOSHIBA-TC74AC138P_12 Datasheet
231Kb / 9P
   3-to-8 Line Decoder
More results

유사한 설명 - TC74AC138P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74ACT138FT TOSHIBA-TC74ACT138FT_07 Datasheet
274Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P_07 Datasheet
270Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC7WU04F TOSHIBA-TC7WU04F_01 Datasheet
243Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 3 INVERTER
logo
KEC(Korea Electronics)
KIC7WU04FK KEC-KIC7WU04FK Datasheet
266Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTER)
KIC7W04FK KEC-KIC7W04FK Datasheet
293Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTERS)
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com