전자부품 데이터시트 검색엔진 |
|
TC74AC164FN 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC74AC164FN 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 10 page TC74AC164P/F/FN/FT 2007-10-01 3 Timing Chart Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to VCC + 0.5 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK ±20 mA Output diode current IOK ±50 mA DC output current IOUT ±50 mA DC VCC/ground current ICC ±200 mA Power dissipation PD 500 (DIP) (Note 2)/180 (SOP/TSSOP) mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = −40°C to 65°C. From Ta = 65°C to 85°C a derating factor of −10 mW/°C should be applied up to 300 mW. CK CLR Serial Inputs Outputs QA QB QC QD QE QF QG QH B A CLEAR CLEAR |
유사한 부품 번호 - TC74AC164FN |
|
유사한 설명 - TC74AC164FN |