전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP197G 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TLP197G
상세설명  Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TLP197G Datasheet HTML 1Page - Toshiba Semiconductor TLP197G Datasheet HTML 2Page - Toshiba Semiconductor TLP197G Datasheet HTML 3Page - Toshiba Semiconductor TLP197G Datasheet HTML 4Page - Toshiba Semiconductor TLP197G Datasheet HTML 5Page - Toshiba Semiconductor TLP197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP197G
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 25°C)
ΔIF/°C
−0.5
mA/°C
Pulse forward current (100μs pulse,100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state output terminal voltage
VOFF
350
V
A connection
B connection
On
−state current
C connection
ION
120
mA
A connection
B connection
On
−state current derating (Ta ≥ 25°C)
C connection
ΔION/°C
−1.2
mA/°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~85
°C
Lead soldering temperature(10 s)
Tsol
260
°C
Isolation voltage (AC,1 min.,RH ≤ 60%)
(Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1): Device considered a two
−terminal device: Pins1,2 and 3 shorted together and pins 4,5 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VOFF
280
V
Forward current
IF
5
7.5
25
mA
On
−state current(A connection)
ION
100
mA
Operating temperature
Topr
−20
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Circuit Connections
1
2
3
6
5
4
LOAD
or
A Connection
1
2
3
6
5
4
LOAD
DC
B Connection
1
2
3
6
5
4
LOAD
DC
C Connection
AC
DC


유사한 부품 번호 - TLP197G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
More results

유사한 설명 - TLP197G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com