전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC592AF 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74HC592AF
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic 8 Bit Binary Counter with Input Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC592AF 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC592AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC592AF Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74HC592AP/AF
2007-10-01
7
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CCK, RCK)
tW (H)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
( CCLR )
tW (L)
2.0
4.5
6.0
100
20
16
125
25
21
ns
Minimum pulse width
( CLOAD )
tW (L)
2.0
4.5
6.0
175
35
30
220
44
37
ns
Minimum set-up time
( CCKEN -CCK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(RCK- CLOAD )
ts
2.0
4.5
6.0
150
30
26
190
38
32
ns
Minimum set-up time
(A to H-RCK)
ts
2.0
4.5
6.0
100
20
17
125
25
21
ns
Minimum hold time
th
2.0
4.5
6.0
5
5
5
5
5
5
ns
Minimum removal time
( CCLR )
trem
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum removal time
( CLOAD )
trem
2.0
4.5
6.0
75
15
13
95
19
16
ns
Clock frequency
f
2.0
4.5
6.0
4
22
26
3.5
18
21
MHz


유사한 부품 번호 - TC74HC592AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC592AF TOSHIBA-TC74HC592AF Datasheet
338Kb / 7P
   8-BIT BINARY COUNTER WITH INPUT REGISTER
More results

유사한 설명 - TC74HC592AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP_07 Datasheet
530Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Binary Counter/Register with 3-State Outputs
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC592AP TOSHIBA-TC74HC592AP Datasheet
338Kb / 7P
   8-BIT BINARY COUNTER WITH INPUT REGISTER
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC4060AP TOSHIBA-TC74HC4060AP_07 Datasheet
385Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 14-Stage Binary Counter/Oscillator
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com