전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC646AP 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC74HC646AP
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC646AP 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TC74HC646AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC646AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TC74HC646AP
2007-10-01
6
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
50
2.0
4.5
6.0
74
21
18
150
30
26
190
38
32
Propagation delay
time
(BUS-bus)
tpLH
tpHL
150
2.0
4.5
6.0
91
26
22
190
38
32
240
48
41
ns
50
2.0
4.5
6.0
98
28
24
210
42
36
265
53
45
Propagation delay
time
(CAB, CBA-bus)
tpLH
tpHL
150
2.0
4.5
6.0
116
33
28
250
50
43
315
63
54
ns
50
2.0
4.5
6.0
81
23
20
170
34
29
215
43
37
Propagation delay
time
(SAB, SBA-bus)
tpLH
tpHL
150
2.0
4.5
6.0
98
28
24
210
42
36
265
53
45
ns
50
2.0
4.5
6.0
84
24
20
175
35
30
220
44
37
Output enable time
( G , DIR-bus)
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
102
29
25
215
43
37
270
54
46
ns
Output disable time
( G , DIR-bus)
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
60
23
20
175
35
30
220
44
37
ns
Maximum clock
frequency
fmax
50
2.0
4.5
6.0
6
31
36
19
67
79
5
25
29
MHz
Input capacitance
CIN
5
10
10
pF
Output capacitance
CI/O
13
pF
Power dissipation
capacitance
CPD
(Note)
39
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


유사한 부품 번호 - TC74HC646AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results

유사한 설명 - TC74HC646AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP_07 Datasheet
322Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com