전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC697AP 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TC74HC697AP
상세설명  Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC697AP 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74HC697AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 11Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 12Page - Toshiba Semiconductor TC74HC697AP Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TC74HC697AP/AF
2007-10-01
10
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
50
2.0
4.5
6.0
45
15
12
115
23
20
145
29
25
Output enable time
(
G -Q)
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
58
20
16
155
31
26
195
39
33
ns
Output disable time
( G-Q)
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
32
17
14
115
23
20
145
29
25
ns
Maximum clock
frequency
fmax
50
2.0
4.5
6.0
5
25
29
11
38
52
4
20
24
MHz
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
13
pF
Power dissipation
capacitance
CPD
(Note)
72
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


유사한 부품 번호 - TC74HC697AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC697AP TOSHIBA-TC74HC697AP Datasheet
387Kb / 11P
   CMOS DIGITAL INTEGRATED CIRCUIT
More results

유사한 설명 - TC74HC697AP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com