전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP250 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP250
상세설명  GaA?밃s Ired & Photo-IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP250 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP250_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP250_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP250
2007-10-01
6
IF – VF
Forward voltage
VF (V)
100
1.0
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0.01
1.2
1.4
1.6
1.8
2.0
Ta = 25 °C
IF – Ta
Ambient temperature Ta (°C)
40
0
0
100
20
40
60
80
10
20
30
VCC – Ta
Ambient temperature Ta (°C)
40
0
0
100
20
40
60
80
10
20
30
IOPH, IOPL – Ta
Ambient Temperature Ta (°C)
0
0
100
20
40
60
80
1
2
PW ≦ 2.5 μs, f ≦ 15 KHz
Δ
VF / ΔTa – IF
Forward current
IF (mA)
-1.4
0.1
0.3 0.5
1
3
5
10
30
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6


유사한 부품 번호 - TLP250_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
TLP250HF TOSHIBA-TLP250HF Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
More results

유사한 설명 - TLP250_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com