전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC155AFN 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74HC155AFN
상세설명  Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC155AFN 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74HC155AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC155AFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC155AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
tpLH
tpHL
2.0
4.5
6.0
45
15
13
130
26
22
165
33
28
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
53
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


유사한 부품 번호 - TC74HC155AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC155AFN TOSHIBA-TC74HC155AFN Datasheet
281Kb / 7P
   DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
More results

유사한 설명 - TC74HC155AFN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP Datasheet
281Kb / 7P
   DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
TC74HCT139AP TOSHIBA-TC74HCT139AP_07 Datasheet
283Kb / 8P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_08 Datasheet
227Kb / 9P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com