전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC165AFN 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74HC165AFN
상세설명  8-Bit Shift Register (P-IN, S-OUT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC165AFN 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74HC165AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74HC165AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC165AP,TC74HC165AF,TC74HC165AFN
8-Bit Shift Register (P-IN, S-OUT)
The TC74HC165A is a high speed CMOS 8-BIT
PARALLEL/SERIAL-IN, SERIAL-OUT SHIFT REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists of parallel-in or serial-in, serial-out 8-bit shift
register with a gated clock inputs. When the SHIFT/ LOAD
input is held high, the serial data input is enabled and the eight
frip-frops perform serial shifting with each clock pulse.
When the SHIFT/ LOAD input is held low, the parallel data is
loaded asynchronously into the register at positive going
transition of the clock pulse.
The CK-INH input should be shifted high only when the CK
input is held high.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 56 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS165
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC165AP
TC74HC165AF
TC74HC165AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


유사한 부품 번호 - TC74HC165AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC165AFN TOSHIBA-TC74HC165AFN Datasheet
367Kb / 9P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC74HC165AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com