전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC193AFN 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74HC193AFN
상세설명  Synchronous Up/Down Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC193AFN 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC193AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 9Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 10Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74HC193AP/AF/AFN
2007-10-01
7
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(UP, DOWN-Q)
tpLH
tpHL
2.0
4.5
6.0
65
20
16
190
38
32
240
48
41
ns
Propagation delay
time
(UP- CARRY )
tpLH
tpHL
2.0
4.5
6.0
40
13
11
130
26
22
165
33
28
ns
Propagation delay
time
(DOWN- BORROW )
tpLH
tpHL
2.0
4.5
6.0
40
13
11
130
26
22
165
33
28
ns
Propagation delay
time
( LOAD -Q)
tpLH
tpHL
2.0
4.5
6.0
85
25
20
220
44
37
275
55
47
ns
Propagation delay
time
( LOAD - CARRY )
tpLH
tpHL
2.0
4.5
6.0
110
30
25
250
50
43
315
63
54
ns
Propagation delay
time
( LOAD - BORROW )
tpLH
tpHL
2.0
4.5
6.0
110
30
25
250
50
43
315
63
54
ns
Propagation delay
time
(DATA IN-Q)
tpLH
tpHL
2.0
4.5
6.0
80
25
20
190
38
32
240
48
41
ns
Propagation delay
time
(DATA IN- CARRY )
tpLH
tpHL
2.0
4.5
6.0
120
34
28
250
50
43
315
63
54
ns
Propagation delay
time
(DATA IN-
BORROW )
tpLH
tpHL
2.0
4.5
6.0
110
31
25
250
50
43
315
63
54
ns
Propagation delay
time
(CLR-Q)
tpHL
2.0
4.5
6.0
100
30
25
225
45
38
280
56
48
ns
Propagation delay
time
(CLR- CARRY )
tpLH
2.0
4.5
6.0
120
35
29
250
50
43
315
63
54
ns
Propagation delay
time
(CLR- BORROW )
tpHL
2.0
4.5
6.0
120
35
29
250
50
43
315
63
54
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
5
25
29
12
48
55
4
20
24
MHz
Input capacitance
CIN
5
10
10
pF


유사한 부품 번호 - TC74HC193AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC193AFN TOSHIBA-TC74HC193AFN Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
More results

유사한 설명 - TC74HC193AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
STMicroelectronics
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
   RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com