전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC245AP 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC74HC245AP
상세설명  Octal Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC245AP 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TC74HC245AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC245AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TC74HC245AP/AF,640AP/AF
2007-10-01
6
Package Dimensions
Weight: 1.30 g (typ.)


유사한 부품 번호 - TC74HC245AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP Datasheet
251Kb / 6P
   OCTAL BUS TRANSCEIVER
More results

유사한 설명 - TC74HC245AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com