전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC4538AP 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC74HC4538AP
상세설명  Dual Retriggerable Monostable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4538AP 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74HC4538AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC74HC4538AP/AF/AFN/AFT
2007-10-01
9
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(A, B -Q,
Q )
tpLH
tpHL
2.0
4.5
6.0
120
30
25
250
50
43
315
63
54
ns
Propagation delay
time
( CD -Q, Q)
tpLH
tpHL
2.0
4.5
6.0
100
25
20
195
39
33
245
49
42
ns
CX = 0 F
RX = 5 kΩ (VCC = 2 V)
RX = 1 kΩ (VCC = 4.5 V,
6 V)
2.0
4.5
6.0
540
180
150
1200
250
200
1500
320
260
ns
CX = 0.01 μF
RX = 10 kΩ
2.0
4.5
6.0
70
69
69
83
77
77
96
85
85
70
69
69
96
85
85
μs
Output pulse width
twOUT
CX = 0.1 μF
RX = 10 kΩ
2.0
4.5
6.0
0.67
0.67
0.67
0.75
0.73
0.73
0.83
0.77
0.77
0.67
0.67
0.67
0.83
0.77
0.77
ms
Output pulse width
error between circuits
(in same package)
ΔtwOUT
±1
%
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
70
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC’·Duty/100 + ICC/2 (per circuit)
(ICC’: active supply current)
(duty: %)


유사한 부품 번호 - TC74HC4538AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

유사한 설명 - TC74HC4538AP_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com