전자부품 데이터시트 검색엔진 |
|
TC74HC7292AP 데이터시트(PDF) 7 Page - Toshiba Semiconductor |
|
TC74HC7292AP 데이터시트(HTML) 7 Page - Toshiba Semiconductor |
7 / 10 page TC74HC7292AP/AF 2007-10-01 7 AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns) Characteristics Symbol Test Condition Min Typ. Max Unit Output transition time (Q) tTLH tTHL ⎯ ⎯ 4 8 ns Output transition time (TP) tTLH tTHL ⎯ ⎯ 25 44 ns Propagation delay time (CK-Q) tpLH tpHL ⎯ ⎯ 42 75 ns Propagation delay time ( CLR -Q) tpHL ⎯ ⎯ 36 62 ns Maximum clock frequency fmax ⎯ 30 70 ⎯ MHz AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit Output transition time (Q) tTLH tTHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 27 9 8 75 15 13 ⎯ ⎯ ⎯ 95 19 16 ns Output transition time (TP) tTLH tTHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 90 30 25 250 50 43 ⎯ ⎯ ⎯ 315 63 54 ns Propagation delay time (CK-Q) tpLH tpHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 150 48 41 425 85 72 ⎯ ⎯ ⎯ 530 106 90 ns Propagation delay time ( CLR -Q) tpHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 130 42 36 350 70 60 ⎯ ⎯ ⎯ 440 88 75 ns Maximum clock frequency fmax ⎯ 2.0 4.5 6.0 5 27 32 20 64 75 ⎯ ⎯ ⎯ 4 22 26 ⎯ ⎯ ⎯ MHz Input capacitance CIN ⎯ ⎯ 5 10 ⎯ 10 pF Power dissipation capacitance CPD (Note) ⎯ 22 ⎯ ⎯ ⎯ pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD・VCC・fIN + ICC |
유사한 부품 번호 - TC74HC7292AP_07 |
|
유사한 설명 - TC74HC7292AP_07 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |