전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1358 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SA1358
상세설명  Audio Frequency Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1358 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SA1358 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1358 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1358 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1358 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1358
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1358
Audio Frequency Power Amplifier Applications
• Complementary to 2SC3421
• Suitable for driver of 60 to 80 watts
• High breakdown voltage
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−120
V
Collector-emitter voltage
VCEO
−120
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−1
A
Base current
IB
−100
mA
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


유사한 부품 번호 - 2SA1358

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1358 TOSHIBA-2SA1358 Datasheet
155Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Inchange Semiconductor ...
2SA1358 ISC-2SA1358 Datasheet
105Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1358 NJSEMI-2SA1358 Datasheet
179Kb / 2P
   Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1358 TOSHIBA-2SA1358 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SA1358-Z ISC-2SA1358-Z Datasheet
354Kb / 2P
   isc Silicon PNP Power Transistor
More results

유사한 설명 - 2SA1358

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
   Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
   Audio Frequency Power Amplifier Applications
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
   Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
   Audio Frequency Power Amplifier Applications
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
   Audio-Frequency Power Amplifier Applications
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD1406 TOSHIBA-2SD1406 Datasheet
257Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com